Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 305 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 305 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 301Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 302Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 303Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 304Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 305Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 306Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 308Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 662 page
background image
Signal Descriptions
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-5
Table 12-2.
Mode and Signal Definition Table
Control Bits
ESSI Signal Definitions
SYN
TE0
TE1
TE2
RE
SC0
SC1
SC2
SCK
STD
SRD
0
0
XX
0U
1RXC
FSR
U
RD
1
0U
FST
TXC
TD0
U
1RXC
FSR
RD
1
0
0
0
0U
1
F0/U
F1/T0D/U
FS
XC
U
RD
1
0
TD2
U
1RD
1
0
0
TD1
F1/T0D/U
U
1RD
1
0
TD2
U
1RD
1
0
0
0
F0/U
F1/T0D/U
TD0
U
1RD
1
0
TD2
U
1RD
1
0
0
TD1
F1/T0D/U
U
1RD
1
0
TD2
U
1RD
F0=Flag 0
F1 =Flag 1 if SSC1 = 0
FS =Transmit / Receive Frame Sync (Synchronous Operation)
FSR = Receiver Frame Sync
FST= Transmitter Frame Sync
RD = Receiver Data
RXC =Receiver Clock
T0D =Transmitter 0 Drive Enable if SSC1=1 & SCD1=1
TD0 =Transmit Data Signal 0
TD1 =Transmit Data Signal 1
TD2 =Transmit Data Signal 2
TXC =Transmitter Clock
X =Indeterminate
XC =Transmitter / Receiver Clock (Synchronous Operation)
U =Unused (May Be Used As GPIO Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com