Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 306 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 306 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 302Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 303Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 304Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 305Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 306Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 307Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 308Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 309Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 662 page
background image
Signal Descriptions
5685X Digital Signal Controller User Manual, Rev. 4
12-6
Freescale Semiconductor
12.3.2.1 ESSI Transmit Clock (SCK)
This pin can be configured as either an input or an output pin. This clock signal is used by all the
enabled transmitters and the receiver in Synchronous modes or by Transmitter 0 in Asynchronous
modes. Please see Table 12-3 for details about how to configure this pin.
Note:
Although an external serial clock can be independent of and asynchronous to the
system clock, the external ESSI clock frequency must not exceed FIPBus_CLK/4, and
each ESSI clock phase must exceed the minimum of 1.5 IPBus_CLK cycles.
12.3.2.2 ESSI Serial Control Signal 0 (SC0)
The function of this signal is determined by the programmer selecting either Synchronous or
Asynchronous mode, according to data in Table 12-4. In Asynchronous mode, this signal is used
for the receive clock I/O. In Synchronous mode, this signal is used as the transmitter data out
Table 12-3. ESSI Clock Sources
Controls
RX Clock
TX Clock
SYN
SCKD
SCD0
Pin
Source
Pin
Direction
Asynchronous
0
0
0
SC0
External
SCK
External
0
0
1
SC0
Internal
SCK
External
0
1
0
SC0
External
SCK
Internal
0
1
1
SC0
Internal
SCK
Internal
Synchronous
1
0
x
SCK
External
SCK
External
1
1
x
SCK
Internal
SCK
Internal
Table 12-4. ESSI Frame Sync Sources
Controls
RX Clock Frame
Sync
TX Frame Sync
SYN
SCD2
SCD1
Pin
Source
Pin
Direction
Asynchronous
0
0
0
SC1
External
SC2
External
0
0
1
SC1
Internal
SC2
External
0
1
0
SC1
External
SC2
Internal
0
1
1
SC1
Internal
SC2
Internal
Synchronous
1
0
x
SC2
External
SC2
External
1
1
x
SC2
Internal
SC2
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com