Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 310Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 311Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 312Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 313Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 314Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 315Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 316Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 317Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 318Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
12-14
Freescale Semiconductor
12.5.2 Network Mode
Network mode is used for creating a Time Division Multiplexed (TDM) network, such as a TDM
codec network or a network of DSCs. This mode only operates with continuous clock mode. A
frame sync occurs at the beginning of each frame. In this mode, the frame is divided into more
than one time slot. During each time slot, one data word can be transferred. Each time slot is then
assigned to an appropriate codec or DSC on the network. The DSC can be a master device
controlling its own private network, or a slave device connected to an existing TDM network,
occupying a few time slots.
The frame sync signal indicates the beginning of a new data frame. Each data frame is divided
into time slots and transmission and/or reception of one data word can occur in each time slot
(rather than in just the frame sync time slot as in the Normal mode). The frame rate dividers,
controlled by the DC bit field, select two to thirty-two time slots per frame. The length of the
frame is determined by these factors:
•
The period of the serial bit clock (PSR, PM[7:0] bits for internal clock, or the frequency of
the external clock on the SCK and/or SC0 pins)
•
The number of bits per sample (WL) bits
•
The number of time slots per frame (DC) bit fields
Data can be transmitted in any time slot while in the Network mode. The distinction of the
Network mode is each time slot is identified with respect to the frame sync (data word time). This
time slot identification allows the option of transmitting data during the time slot by writing to
the STX register or ignoring the time slot by writing to STSR. The receiver is treated in the same
manner, except data is always being shifted into the RXSR and transferred to the SRX register.
The core reads the SRX register, either using the data or discarding it.
Figure 12-4 and Figure 12-5 provide sample timing of Network mode transfers. The figures
illustrate Receive and Transmit frames of five time-slots for each. The numbered circles and
arrows in the figure identify discussion notes contained in Table 12-8 and Table 12-9.
12.5.2.1 Network Mode Transmit
The transmit portion of the ESSI is enabled when the ESSIEN and the TE bits in the SCR2 are
both set. However, when the TE bit is set, the transmitter is enabled only after detection of a new
frame boundary. Software has to find the start of the next frame by checking the TFS bit of the
SSR. A normal start-up sequence for transmission is to do the following:
1. Set the STXCR, SCR2, SCR3, and SCR4 registers to select the Network mode operation.
2. Define the transmit clock.
3. Transmit frame sync and frame structure required for proper system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com