Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 343 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 343 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 343Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 344Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-43
12.8.8.15 Transmit Frame Sync Length (TFSL)—Bit 1
This control bit selects the length of the frame sync signal to be generated or recognized. See the
upper portion of Figure 12-21 for an example timing diagram of the frame sync options.
•
0 = A one-word long frame sync is selected. The length of this word-long frame sync is
the same as the length of the data word selected by WL.
•
1 = A one-bit long frame sync is selected
The frame sync is deasserted after one bit-for-bit length frame sync and after one word- for-word
length frame sync.
12.8.8.16 Transmit Early Frame Sync (TEFS)—Bit 0
This bit controls when the frame sync is initiated for the transmit and receive sections. Please
refer to the upper portion of Figure 12-21 for a timing diagram example of the frame sync
options.
•
0 = Frame sync is initiated as the first bit of data is transmitted.
•
1 = Frame sync is initiated one-bit before the data is transmitted. The frame sync is
disabled after one bit-for-bit length frame sync and after one word-for-word length frame
sync.
12.8.9 ESSI Control Register 3 (SCR3)
The ESSI Control Register 3 (SCR3) is one of five 16-bit, read/write control registers used to
direct the operation of the ESSI. SCR3 controls enabling of the last slot interrupts for Network
mode transmit and receive operations.
The Power-On Reset (POR) clears all SCR3 bits. The ESSI reset (ESSIEN = 0) does not affect
the SCR3 bits.
Figure 12-23. ESSI Control Register 3 (SCR3)
See Programmer’s Sheet on Appendix page B - 75
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DIV4DIS RSHFD RSCKP RDMAE TDMAE
RFSI RFSL REFS RFEN TFEN INIT
SYNRST
RLIE TLIE
Write
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com