Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 346 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 346 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 343Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 344Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 349Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-46
Freescale Semiconductor
12.8.9.8 Receive Early Frame Sync (REFS)—Bit 8
This bit controls when the frame sync is initiated for the receive section. Please note the first
portion of Figure 12-21 for an example timing diagram of the frame sync options.
•
0 = When the REFS bit is cleared, the frame sync is initiated as the first bit of data is
received.
•
1 = The frame sync is initiated one-bit before the data is received. The frame sync is
disabled after one bit-for-bit length frame sync and after one word-for-word length frame
sync.
12.8.9.9 Receive FIFO Enable (RFEN)—Bit 7
This control bit enables the FIFO register for the receive section.
•
0 = The FIFO register is not used, and an interrupt request is generated (assuming
interrupts are enabled) when a single sample is received by the ESSI and RDR is set.
•
1 = Allows eight samples, depending on the Receive Watermark set in the SFCSR, to be
received by the ESSI. A ninth sample can be shifting in before the RFF bit is set and an
interrupt request generated when enabled by the RIE bit.
12.8.9.10 Transmit FIFO Enable (TFEN)—Bit 6
This control bit enables the FIFO registers for the transmit section.
•
0 = The FIFO register is not used.
•
1 = A maximum of eight samples can be written to the STX register. A ninth sample can
be shifting out.
12.8.9.11 Initialize State Machine (INIT)—Bit 5
This bit is used to initialize the state machine to reset state.
•
0 = The state machine is allowed to operate.
•
1 = Reset the TX and RX state machines. Setting this bit must be followed by a write of 0
before the state machine will operate.
12.8.9.12 Reserved—Bit 4–3
These bits are reserved or not implemented. They cannot be read or modified by writing.
12.8.9.13 Frame Sync Reset (SYNRST)—Bit 2
•
0 = Data must be read to be cleared from the registers.
•
1 = Resets the accumulation of data in the SRX register and RXFIFO bit in frame
synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com