Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 350 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 350 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 349Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-50
Freescale Semiconductor
12.8.10.12 Serial Output Flag 0 (OF0)—Bit 0
When SC0 is configured for Output Flag functionality, provided in Table 12-16, this control bit
determines the state of the output pin. Changes in the OF0 bit will appear on the SC0 pin at the
beginning of the next frame in the Normal mode, or at the beginning of the next time slot in the
Network mode.
12.8.11 ESSI Transmit and Receive Control Registers (STXCR, SRXCR)
The STXCR and SRXCR are 16-bit, read/write control registers used to direct the operation of
the ESSI. These registers control the ESSI clock generator bit and frame sync rates, word length,
and number of words per frame for the serial data. Please refer to Figure 12-35 to better
understand how these fields are used in the clock generators.
The STXCR register is dedicated to the transmit section. The SRXCR register is dedicated to the
receive section, except in the Synchronous mode where the STXCR register controls both the
receive and transmit sections.
Power-On Reset (POR) clears all STXCR and SRXCR bits. The ESSI reset (ESSIEN = 0) does
not affect the STXCR and SRXCR bits. The control bits are described in the ESSI Transmit
Control Register (STXCR).
Figure 12-25. ESSI Transmit Control Register (STXCR)
See Programmer’s Sheet on Appendix page B - 78
Figure 12-26. ESSI Receive Control Register (SRXCR)
See Programmer’s Sheet on Appendix page B - 78
Base + $8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PSR
WL
DC
PM
Write
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Base + $9
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PSR
WL
DC
PM
Write
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com