Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 354 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 354 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-54
Freescale Semiconductor
12.8.13 ESSI FIFO Control/Status Register (SFCSR)
This register allows configuration of the Transmit and Receive FIFO Registers, and allows
reporting of the amount of data contained in each FIFO
.
Figure 12-28. ESSI FIFO Control/Status Register (SFCSR)
See Programmer’s Sheet on Appendix page B - 80
12.8.13.1 Receive FIFO Counter (RFCNT)—Bits 15–12
This read-only bit field indicates the number of data words in the RXFIFO. Table 12-19
demonstrates the RFCNT bit field encoding.
12.8.13.2 Transmit FIFO Counter (TFCNT)—Bits 11–8
This read-only bit field indicates the number of data words in the TXFIFO. Table 12-20
illustrates the TFCNT bit field encoding. The specific FIFO reported on is determined by the first
TXSFn control bit enabled; that is to say, if TXSF0 is set, the number of data words in TXFIFO0
is reported. When more than one transmitter is enabled, the TF1ERR and TF2ERR status bits will
indicate any counter mismatches, described in Section 12.8.7.
Base +$B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RFCNT
TFCNT
RFWM
TFWM
Write
Reset
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
1
Table 12-19.
RFCNT Encoding
Bits
Description
0000
0 Data words in RXFIFO
0001
1 Data words in RXFIFO
0010
2 Data words in RXFIFO
0011
3 Data words in RXFIFO
0100
4 Data words in RXFIFO
0101
5 Data words in RXFIFO
0110
6 Data words in RXFIFO
0111
7 Data words in RXFIFO
1000
8 Data words in RXFIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com