Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 355 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 355 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-55
Note:
While loading the Transmit Data registers the FIFO counts may temporarily not match
so the count status bits should only be checked after a complete set of writes to the
Transmit Data registers.
12.8.13.3 Receive FIFO Full Watermark (RFWM)—Bits 7–4
This bit field controls the threshold the Receive FIFO Full (RFF) flag will be set. RFF is set
whenever the data level in the RXFIFO reaches the selected threshold. For example, if RFWM =
1, RFF will be set after the ESSI receives 2 data words (one in SRX and the other in RXFIFO).
Table 12-22 shows the status of RFF for all data levels of the RXFIFO
Table 12-20.
TFCNT Encoding
Bits
Description
0000
0 Data words in TXFIFO
0001
1 Data words in TXFIFO
0010
2 Data words in TXFIFO
0011
3 Data words in TXFIFO
0100
4 Data words in TXFIFO
0101
5 Data words in TXFIFO
0110
6 Data words in TXFIFO
0111
7 Data words in TXFIFO
1000
8 Data words in TXFIFO
Table 12-21.
RFWM Encoding
Bits
Description
0000
Reserved
0001
RFF set when at least 1data word has been written to the RXFIFO. Set when RXFIFO = 1, 2, 3, 4, 5, 6, 7, or 8
data words
0010
RFF set when 2 or more data words have been written to the RXFIFO. Set when RXFIFO = 2, 3, 4, 5, 6, 7, or 8
data words
0011
RFF set when 3 or more data words have been written to the RXFIFO. Set when RXFIFO = 3, 4, 5, 6, 7, or 8 data
words
0100
RFF set when 4 or more data words have been written to the RXFIFO. Set when RXFIFO = 4, 5, 6, 7, or 8 data
words
0101
RFF set when 5 or more data words have been written to the RXFIFO. Set when RXFIFO = 5, 6, 7, or 8 data
words
0110
RFF set when 6 or more data words have been written to the RXFIFO. Set when RXFIFO = 6, 7, or 8 data words
0111
RFF set when 7 or more data words have been written to the RXFIFO. Set when RXFIFO = 7, or 8 data words
1000
RFF set when 8 or more data words have been written to the RXFIFO. Set when RXFIFO = 8 data words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com