Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 359 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 359 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 362Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 363Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 662 page
background image
Clocks
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-59
•
0 = Data is not transferred from the Receive Shift Register (RXSR) to the Receive Data
(SRX) register, therefore the RDR and ROE flags are not set.
•
1 = The receive sequence proceeds normally. Data is received during slot N, and the RDR
flag is set.
During a disabled slot, no receiver full interrupt is generated. The DSC is interrupted only for
enabled slots.
When the bits in the RSM are changed, their settings affect the next frame reception. The frame
currently being received is not affected by the new RSM setting. If the RSM is read, it shows the
current setting. An ESSI reset (ESSIEN = 0) does not affect the contents of the TSM registers.
After a hardware RESET signal or executing a software RESET instruction, the RSM register is
reset to $FFFFFFFF; that value enables all 32-time slots for data reception. The receive DC
setting determines how many of these control bits are actually used.
12.9 Clocks
The ESSI uses the following three clocks, illustrated in Figure 12-33 and Figure 12-34:
•
Bit clock–Used to serially clock the data bits in and out of the ESSI port
•
Word clock–Used to count the number of data bits per word (8, 10, 12, or 16 bits)
•
Frame clock–Used to count the number of words in a frame
The bit clock is used to serially clock the data. The clock is visible on the SCK, for Asynchronous
transmit or Synchronous modes and SC0, for asynchronous receive clock operation pins. The
word clock is an internal clock used to determine when transmission of an 8, 10, 12, or 16 bit
word has completed. The word clock in turn then clocks the frame clock, which marks the
beginning of each frame. The frame clock can be viewed on the SC2 and SC1 pins. The bit clock
can be received from an ESSI clock pin or can be generated from the peripheral clock passed
through a divider, illustrated in Figure 12-35.
Figure 12-33. ESSI Clocking (8-Bit Words, 3 Time Slots / Frame)
TS0
TS1
TS2
TS0
TS1
TS2
Frame n
Frame n+1
Word_Clock
Data
(SCK, SC0)
(SC2, SC1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com