Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 360 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 362Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 363Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 662 page
background image
Clock Operation Description
5685X Digital Signal Controller User Manual, Rev. 4
12-60
Freescale Semiconductor
Figure 12-34. ESSI Clock Generation
12.10 Clock Operation Description
12.10.1 ESSI Clock and Frame Sync Generation
Data clock and frame sync signals can be generated internally by the ESSI or can be obtained
from external sources. If internally generated, the ESSI clock generator is used to derive bit clock
and frame sync signals from the peripheral clock. The ESSI clock generator consists of a
selectable, fixed prescaler and a programmable prescaler for bit rate clock generation. A
programmable frame rate divider and a word length divider are used for frame rate sync signal
generation.
Table 12-25.
Clock Summary
Clock
Source
Characteristics
SCK
Internal/
External
Transmit data is changed on the rising edge of this clock. The RSCKP bit of the SCR2
register can invert the clock if required.
SC0
Internal/
External
Receive data is captured on the falling edge of this clock. The RSCKP bit of the SCR3
register can invert the clock if required.
SC2
Internal/
External
Transmit frames begin with the rising edge of this signal. See the definition of the
TEFS bit of the SCR2 register for timing options. The TFSI bit can invert this signal if
required.
SC1
Internal/
External
Receive frames begin with the rising edge of this signal. See the definition of the
REFS bit of the SCR3 register for timing options.
(SC2, SC1)
Serial Bit Clock
Word Divider
(/8, /10, /12, /16)
Word clock
Frame Divider
(/1 to /32)
Frame clock
(SCK, SC0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com