Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 356 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 356 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-56
Freescale Semiconductor
12.8.13.4 Transmit FIFO Empty Watermark (TFWM)—Bits 3–0
This bit field controls the threshold where the Transmit FIFO Empty (TFE) flag is set. TFE is set
whenever the data level in the TXFIFO falls below the selected threshold. Table 12-23 shows the
status of TFE for all data levels of the TXFIFO.
Table 12-22. Status of Receive FIFO Full Flag
Receive FIFO Watermark
(RFWM)
Number of Data in RXFIFO
012345678
1
011111111
2
001111111
3
000111111
4
000011111
5
000001111
6
000000111
7
000000011
8
000000001
Table 12-23.
TFWM Encoding
Bits
Description
0000
Reserved
0001
TFE set when there is 1empty slot in TXFIFO. (default) Transmit FIFO Empty is set when TXFIFO <= 7 data
0010
TFE set when there are 2 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 6 data
0011
TFE set when there are 3 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 5 data
0100
TFE set when there are 4 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 4 data
0101
TFE set when there are 5 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 3 data
0110
TFE set when there are 6 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 2 data
0111
TFE set when there are 7 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 1 data
1000
TFE set when there are 8 or more empty slots in TXFIFO. Transmit FIFO Empty is set when TXFIFO <= 0 data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com