Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 352 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 352 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 349Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-52
Freescale Semiconductor
12.8.11.4 Prescaler Modulus Select (PM)—Bits 7–0
This bit field specifies the divide ratio of the prescale divider in the ESSI clock generator. This
prescaler is used only in Internal Clock mode to divide the internal peripheral clock. A divide
ratio from 1 to 256 (PM = $00 to $FF) can be selected. The bit clock output is available at the
SCK or SC0 clock pins. The bit clock on the ESSI can be calculated from the peripheral clock
value using the following equation:
fFIX_CLK = fIPBus_CLK/4
if DIV4DIS = 0
fFIX_CLK = fIPBus_CLK
if DIV4DIS = 1
fINT_BIT_CLK = fFIX_CLK /[4 x (7 x PSR + 1) x (PM + 1)]
fFRAME_SYN_CLK = (fINT_BIT_CLK)/[(DC + 1) x WL] where DC = DC and WL = 8, 10, 12,
or 16
For example if an 8kHz sampling rate is desired, with 8-bit words operating in the Normal mode,
the following parameters can be used:
fIPBus_CLK = fSYSTEM_CLK /2 = 120MHz / = 60mhz
fFIX_CLK = fIPBus_CLK = 60MHz DIV4DIS = 1
fINT_BIT_CLK = fFIX_CLK /[4 x(7 x PSR + 1)x(PM + 1)]
= 60 MHz /[4 x 1 x 117] = 128.2kHz
PS = 0, PM = 116
fFRAME_SYN_CLK = (fINT_BIT_CLK)/[(DC + 1) x WL] DC = 1 = 128kHz/[2 x 8]
= 8.012kHz
The bit clock output is also available internally for use as the bit clock to shift the Transmit and
Receive Shift registers. Careful choice of the crystal oscillator frequency and the prescaler
modulus provides the telecommunication industry standard codec master clock frequencies of
2.048MHz and 1.536MHz to be generated; however, such applications will typically use external
clocks and frame syncs. Table 12-18 provides examples of PM, PSR, and DIV4DIS values
available to be used to generate different bit clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com