Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 348 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 348 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 344Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 349Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 350Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 351Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 352Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-48
Freescale Semiconductor
12.8.10.3 Transmit Status Flag Control 1 (TXSF1)—Bit 9
•
0 = The indicated transmitter does not affect the status bits.
•
1 = The indicated transmitter status will affect the TFF, TDE, TUE, and TFE status bits.
The status from all selected transmitters is ORed to create the register status bit. These bits
should be set to match the intended operation of the TE0, TE1, and TE2 control bits.
12.8.10.4 Transmit Status Flag Control 2 (TXSF2)—Bit 8
•
0 = The indicated transmitter does not affect the status bits.
•
1 = The indicated transmitter status will affect the TFF, TDE, TUE, and TFE status bits.
The status from all selected transmitters is ORed to create the register status bit. These bits
should be set to match the intended operation of the TE0, TE1, and TE2 control bits.
12.8.10.5 Reserved—Bit 7
This bit is reserved or not implemented. It is read as, and written with a 0.
12.8.10.6 Select SC1 (SSC1)—Bit 6
This bit controls the functionality of the SC1 signal. This control bit is used only if
SYN = 1
and TE2 = 0.
•
0 = The SC1 acts as the serial I/O flag (IF1/OF1).
•
1 = When configured as an output (SCD1 = 1), the SC1 signal acts as the transmitter 0
driver-enable, enabling an external buffer for the transmitter 0 output.
Note:
If SSC1 = 1 and SCD1 = 0, the configuration is invalid.
12.8.10.7 Clock Source Direction (SCKD)—Bit 5
This bit configures the source of the clock signal used to clock the Transmit Shift register in
Asynchronous mode and both Transmit and Receive Shift registers are in Synchronous mode.
•
0 = SCK pin is configured as an input. This pin is used as the clock source.
•
1 = Internal transmit clock generator is selected. This clock is output on the SCK pin.
12.8.10.8 Serial Control Direction 2 (SCD2)—Bit 4
This bit controls the direction of the SC2 pin.
•
0 = SC2 is an input.
•
1 = SC2 is an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com