Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 344 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 344 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 343Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 344Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 345Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 346Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 347Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 348Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-44
Freescale Semiconductor
12.8.9.1 Divider 4 Disable (DIV4DIS)—Bit 15
•
0 = FIX_CLK = IP_CLK/4 for both transmitter and receiver clock generator circuits
•
1 = FIX_CLK is equal to IP_CLK
12.8.9.2 Receive Shift Direction (RSHFD)—Bit 14
This bit controls whether the MSB or LSB is received first for the receive section.
•
0 = Data is received MSB first
•
1 = Data is received LSB first
Note:
The codec device labels the MSB as bit 0, whereas the ESSI labels the LSB as bit 0.
Therefore, when using a standard codec, the ESSI MSB (or codec bit 0) is shifted in
first. The RSHFD bit should be cleared.
12.8.9.3 Receive Clock Polarity (RSCKP)—Bit 13
This bit controls which bit clock edge is used to capture data for the receive section.
•
0 = Captured data during clock falling edge
•
1 = Capture data input during rising edge of the clock
12.8.9.4 Receive DMA Enable (RDMAE)—Bit 12
This bit allows the ESSI to request a Direct Memory Access (DMA) module transfer of received
data.
If the receive FIFO is disabled:
•
0 = No DMA transfer is requested.
•
1 = A DMA request is generated when the ESSI Receive Data Ready (RDR) bit is set.
If the receive FIFO is enabled:
•
0 = No DMA transfer is requested.
•
1 = A DMA request is generated when the ESSI Receive FIFO Full (RFF) bit in the SSR is
set. The Receive FIFO Full Watermark should be set to RFWM = 01 because any other
setting of RFWM can leave data in the FIFO not transferred by the DMA.
Receive Interrupt Enable (RIE) has higher priority than Receive DMA Enable (RDMAE). That is
to say, if RIE is set, an interrupt is generated to the CPU instead of DMA.
Note:
If DAM is not supported on the chip, this bit has no meaning and should always be
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com