Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 357 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 357 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 353Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-57
12.8.14 Transmit Slot Mask Registers (TSMA, TSMB)
The Transmit Slot Mask Registers are two 16-bit read/write registers. In the Network mode, these
registers are used by the transmitter to determine which action to take in the current transmission
slot. Depending on the setting of the bits, the transmitter either tri-states the transmitter data
signal or transmits a data word and generates the appropriate transmit status. TSMA and TSMB
can be viewed as a single 32-bit register named TSM. Bit n in TSM (TSMn) is an enable/disable
control bit for transmission in slot N.
Figure 12-29. Transmit Slot Mask Register (TSMA)
See Programmer’s Sheet on Appendix page B - 82
Figure 12-30. Transmit Slot Mask Register (TSMB)
See Programmer’s Sheet on Appendix page B - 82
•
0 = The transmit data signal of the transmitter is tri-stated during transmit time slot N.
Data is not transferred to the TXSR, therefore transmit status flags are not changed.
Table 12-24.
Status of Transmit FIFO Empty Flag
Transmit FIFO Watermark
(TFWM)
Number of Data in TXFIFO
012345678
1
111111111
2
111111100
3
111111000
4
111110000
5
111100000
6
111000000
7
110000000
8
100000000
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TSMA [15:0]
Write
Reset
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Base + $D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TSMB [31:16]
Write
Reset
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com