Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 361 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 361 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 362Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 363Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 364Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 365Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 662 page
background image
Clock Operation Description
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-61
Figure 12-35. ESSI Transmit Clock Generator Block Diagram
Figure 12-36 demonstrates the frame sync generator block for the transmit section. When
internally generated, both receive and transmit frame sync are generated from the word clock and
are defined by the frame rate Divider (DC) field bits and the Word Length (WL) field bits of the
ESSI Transmit Data Control Register (STXCR).
The receive section contains an equivalent circuit for its frame sync generator.
Figure 12-36. ESSI Transmit Frame Sync Generator Block Diagram
/2
IP_CLK
Prescaler
(/1 or /8)
Divider
(/1 to /256)
/2
SCKD (1=output)
SCKD (0=input)
Serial Bit Clock
SCKD (1=output)
Word Length
Divider
Word Clock
WL[1:0]
PSR
PM[7:0]
/4
DIV4DIS
FIX_CLK
SCK
Frame
Rate
DC[4:0]
Frame
Sync
TFSL
Tx
Control
TFSI
TFSI
Tx Frame Sync Out
Tx Frame Sync In
Word Clock
SC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com