Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 362Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 363Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 364Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 365Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 662 page
background image
Resets
5685X Digital Signal Controller User Manual, Rev. 4
12-62
Freescale Semiconductor
12.11 Resets
The ESSI is affected by Power-On Reset (POR) and ESSI reset.
POR is generated by asserting either the Reset pin or the (COP) timer reset. The POR initializes
all control registers and clears the ESSIEN bit in SCR2 and disables the ESSI.
The ESSI reset is generated when the ESSIEN bit in the SCR2 is cleared. The ESSI status bits are
preset to the same state produced by the POR. The ESSI control bits are unaffected. The ESSI
reset is useful for selective reset of the ESSI without changing the present ESSI control bits and
without affecting the other peripherals.
The correct sequence to initialize the ESSI is as follows:
1. Issue a Power-On or ESSI Reset.
2. Program the ESSI Control Registers.
3. Set the ESSIEN bit in SCR2.
4. Write data to the STX register(s).
5. Enable transmit and receive operations.
This procedure ensures proper operation of the ESSI by using the Power-On Reset (POR) or
ESSI reset before changing any of the control bits listed in Table 12-26. These control bits
should not be changed during ESSI operation.
Note:
The ESSI bit clock must go low for at least one complete period to ensure proper ESSI
reset.
Table 12-26.
ESSI Control Bits Requiring
Reset Before Change
Control Register
Bit
SRXCR
STXCR
PSR
WL[1:0]
DC[4:0]
PM[7:0]
SCR2
TEFS
TFSL
TFSI
NET
TSCKP
TSHFD
SYN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com