Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 362Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 363Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 364Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 365Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 366Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 367Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 368Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 369Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 662 page
background image
User Notes
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-65
12.13.6 Transmit Last Slot (TLS)
This interrupt occurs when the ESSI is in the Network mode at the beginning of the last slot of
the transmit frame. The TLS bit is also set at this time. This exception occurs regardless of the
Transmit Mask Register setting. This interrupt and the TLS bit are cleared by writing 1 to the
TLS bit of the SSR.
12.14 User Notes
12.14.1 External Frame Sync Setup
When using external frame syncs, there must be at least four clocks after enabling the
transmitter/receiver and before the first frame sync.
12.14.2 Maximum External Clock Rate
The maximum allowable rate for an external clock source is one fourth of the peripheral clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com