Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 354Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 355Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 356Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 357Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 358Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 359Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 360Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 361Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-58
Freescale Semiconductor
•
1 = The transmit sequence proceeds normally. Data is transferred from the STX register
(or TXFIFO, if enabled) to the Shift register during slot N. Appropriate flags are set.
The DSC is interrupted only for enabled slots. Data written to the STX register when the
Transmitter Empty (or Transmit FIFO Empty) Interrupt Request is being serviced is transmitted
in the next enabled transmit time slot.
The TSM slot mask does not conflict with the STSR. Even if a slot is enabled in the TSM
register, the user may choose to write to the STSR to tri-state the signals of the enabled
transmitters during the next transmission slot. Setting the bits in the TSM register affects the next
frame transmission. The frame currently being transmitted is not affected by the new TSM
setting. If the TSM is read, it shows the current setting.
An ESSI reset (ESSIEN = 0) does not affect the contents of the TSM registers. After a hardware
RESET signal, or executing a software RESET instruction, the TSM register is reset to
$FFFFFFFF; that value enables all 32 slots for data transmission. The transmit DC setting
determines how many of these control bits is actually used.
12.8.15 Receive Slot Mask Registers (RSMA, RSMB)
The Receive Slot Mask Registers are two 16-bit read/write registers. In the Network mode, these
registers are used by the receiver to determine which action to take in the current time slot.
Depending on the setting of the bits, the receiver either ignores the receiver data signal(s), or
receives a data word, generating the appropriate receive status.
RSMA and RSMB can be viewed as one 32-bit register, RSM. Bit n in RSM (RSMn) is an
enable/disable control bit for time slot N.
Figure 12-31. Receive Slot Mask Register (RSMA)
See Programmer’s Sheet on Appendix page B - 83
Figure 12-32. Receive Slot Mask Register (RSMB)
See Programmer’s Sheet on Appendix page B - 83
Base + $E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RSMA [15:0]
Write
Reset
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Base + $F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RSMB [31:16]
Write
Reset
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com