Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 389 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 389 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 385Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 386Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 387Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 388Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 389Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 390Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 391Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 392Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 662 page
background image
Introduction
Time-Of-Day (TOD), Rev. 4
Freescale Semiconductor
14-3
14.1 Introduction
The 5685x devices in this manual have a Time-of-Day (TOD) feature implemented as a sequence
of counters to track elapsed time. The hardware is capable of tracking time up to 179.5 years, or
65,535 days.
TOD is comprised of a series of counters tracking elapsed seconds, minutes, hours, and days. The
module requires an input clock ranging from 1-65536Hz integer values only. The clock is further
scaled down to generate a 1Hz clock driving all of the time counters.
All of the time counters are loaded with the time-of-day upon enabling TOD. Time counters
subsequently track the elapsed time. If required, the TOD feature can issue an alarm whenever
selected current time registers match the time programmed into the enabled TOD alarm registers.
The TOD can also provide an interrupt every second.
An appropriate external clock frequency must be provided and the CGM module must be
configured so TOD clock input in integer HZ from 1-65536Hz is provided. Once completed, the
internal clock prescaler within the TOD module can be configured to provide a 1Hz time-base
clock to the module.
The CGM provides a bit to select one of two external clock prescalers. The oscillator TOD clock
prescaler is a fixed
⁄
128 divider. The CGM TOD clock prescaler is a programmable divider
followed by a fixed
⁄
2 divider. The programmable portion ranges from divide by 1 up to 2 to
the 12th power.
The oscillator prescaler is provided for use with a low frequency (2 - 4MHz) external clock and it
is provided for use in conjunction with the PLL. The CGM clock prescaler consumes more power
and it is larger for use with direct external clock frequencies from 4MHz up to 240MHz.
It is preferable to use the highest frequency TOD clock input possible therefore to do as much
clock division as possible using the internal prescaler within the TOD module. TOD clock
frequencies below 10Hz are not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com