Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 388Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 389Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 390Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 391Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 392Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
14-6
Freescale Semiconductor
14.5 Functional Description
A sub block of TOD implements the scaler, seconds, minutes, hours and days counters. The
counters can be initialized with the current time when the TOD module is disabled (when
TODEN = 0).
14.5.1 Scaler
Depending upon the frequency of the clock fed to the TOD module, the appropriate value should
be written to the clock scaler load register to derive a 1Hz clock. The scaler counter is a 16-bit up
counter, counting from zero while less than the value specified in the clock scaler register. In
normal operation, the scaler counter increments with TOD_CLK input (frequency range from
1-65536 Hz) if TODEN = 1. The base (1Hz) clock is generated when the scaler counter wraps
and is used to clock the time-of-day counters and 1Hz interrupt.
14.5.2 Time Units
Time units (seconds, minutes, hours, days) are each implemented as counter/register pairs.
14.5.2.1 Time Counters
The time counters are a set of modulo counters that are clocked by the 1 Hz clock to maintain the
current time in seconds, minutes, hours and days. They count only when TOD EN = 1. These
counters maintain the time to the accuracy of the 1 Hz clock. They initialize to the current value
in the time registers at the first 1Hz clock (one second) after TODEN is set to 1 and advance each
second thereafter.
14.5.2.2 Time Registers
Time registers are provided to set and observe the corresponding counters. When TODEN is set
to 1, the registers capture the counter values two IP_CLK cycles after the 1Hz clock and are
readable but not writeable. When TODEN is set to 0, they will contain the current value of the
time counters and they may be read or written.
14.5.2.3 Time-of-Day Lock Bit
When set, the TOD Lock Bit disables the continuous transfer of time-of-day counter values to the
registers when TODEN is 1. This permits a read of each of the four time registers without the
possibility of an in-process advancement of time values. The TOD_LOCK bit should remain set
at 0 except while reading the time registers when TODEN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com