Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 390 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 390 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 386Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 387Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 388Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 389Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 390Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 391Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 392Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 662 page
background image
Features
5685X Digital Signal Controller User Manual, Rev. 4
14-4
Freescale Semiconductor
14.2 Features
•
Separate counters for seconds, minutes, hours, and days with a 16-bit day capacity
•
Separate read/write registers for seconds, minutes, hours, and days
•
Alarm clock registers for seconds, minutes, hours, and days
•
Alarm interrupt with independent enables for compare of seconds, minutes, hours and
days
•
1Hz interrupt with enable
•
TOD reset only at power-on, unaffected by reset pin, software reset, or COP reset
•
Flexible clock prescaling for use with either external clocking or crystal oscillator
•
Works with crystal frequency of 2 - 4MHz
•
Capability to generate interrupt, pulling the part out of sleep
•
Can be configured to generate an alarm at a designated time
14.3 Block Diagram
Figure 14-1. Time-of-Day Counter Operation Block Diagram
Scaler load
Clock scaler
TOD
Enable
1Hz
Seconds Cntr
Minutes Cntr
Hours Cntr
Days Cntr
Seconds Reg
Minutes Reg
Hours Reg
Days Reg
IPBus
Interface
1-65536Hz input clock (integer Hz)
TODSEC
TODMIN
TODHR
TODDAY
Seconds Alarm
Seconds Alarm
Seconds Alarm
Seconds Alarm
TOD One-Second interrupt
TOD
Alarm
interrupt
TOD Alarm Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com