Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 394 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 390Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 391Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 392Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
5685X Digital Signal Controller User Manual, Rev. 4
14-8
Freescale Semiconductor
14.5.6 1-Second Interrupt Flag and Outputs
The one-second interrupt feature provides a means of detecting the passage of one-second time
intervals. The one-second interrupt is triggered and the TOD Seconds Interrupt (TODSID)
occurred flag in the Status Control register is set on the rising edge of the 1Hz clock. The 1Hz
clock is derived out of the scaler counter. This clock only operates while the TOD Enable
(TODEN) is set. The TODSID bit is cleared by writing 0 to it while it contains a one. This
interrupt will function in the Stop mode; however, the TOD module must be configured and
enabled prior to entering the Stop mode.
The one-second interrupt output is used to signal a one-second interrupt to the interrupt
controller. The interrupt will not be taken unless it is also enabled in the Interrupt Controller
module.
14.6 Register Description (TOD_BASE = $1FFFC0)
The address of a register is the sum of a base address and an address offset. The base address is
defined at the MCU level and the address offset is defined at the module level. The base address
given for each register will be TOD_BASE.
14.6.1 TOD Register Map
Table 14-2. TOD Register Map
Register
Address
Register
Name
Register Function
Decimal
Range
When Write
Enabled
POR Value
$1FFFC0
TODCS
TOD Control/Status
N/C
Always
0
$1FFFC1
TODCSL
Clock Scaler Load
0-65535
TODEN = 0
0
$1FFFC2
TODSEC
Seconds
0-59
TODEN = 0
0
$1FFFC3
TODSAL
Seconds Alarm
0-59
Always
0
$1FFFC4
TODMIN
Minutes
0-59
TODEN = 0
0
$1FFFC5
TODMAL
Minutes Alarm
0-59
Always
0
$1FFFC6
TODHR
Hours
0-23
TODEN = 0
0
$1FFFC7
TODHAL
Hours Alarm
0-23
Always
0
$1FFFC8
TODDAY
Days
0-65535
TODEN = 0
0
$1FFFC9
TODDAL
Days Alarm
0-65535
Always
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com