Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 396 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 396 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 392Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
5685X Digital Signal Controller User Manual, Rev. 4
14-10
Freescale Semiconductor
14.6.2.7 Time-of-Day Minutes Alarm Enable (TODMA)—Bit 5
•
0 = Alarm interrupt ignores minutes counter
•
1 = Alarm interrupt requires match of minutes alarm register to minutes counter
14.6.2.8 Time-of-Day Seconds Alarm Enable (TODSA)—Bit 4
•
0 = Alarm interrupt ignores seconds counter
•
1 = Alarm interrupt requires match of seconds alarm register to seconds counter
14.6.2.9 Time-of-Day Seconds Interrupt Enable (TODSEN)—Bit 3
•
0 = Disables TOD seconds interrupt
•
1 = Enables TOD seconds interrupt
14.6.2.10 Time-of-Day Alarm Interrupt Enable (TODAEN)—Bit 2
•
0 = Disables TOD alarm interrupt
•
1 = Enables TOD alarm interrupt
14.6.2.11 Time-of-Day Lock (TOD_LOCK)—Bit 1
When set, this bit prevents the time registers from automatically updating to the current value of
the time counters while the TOD module is enabled. It is used to avoid register updates while in
the process of reading out the four time registers. It should be set only when in process of reading
the current time while the TOD module is enabled.
•
0 = TOD registers not locked
•
1 = TOD registers locked
14.6.2.12 Time-of-Day Enable (TODEN)—Bit 0
Writing zero to TODEN disables the time-of-day counting; the time registers will contain the
final value of the time counters and the registers become writable. When this field is written with
1, the seconds, minutes, hours, and days counters are loaded from the corresponding register and
proceed to count in a normal time-of-day basis with seconds overflow incrementing minutes,
minutes overflow incrementing hours, and so on through days overflow wrapping back to zero.
While time-of-day counting is enabled, the seconds, minutes, hours, and day registers update
with a two IPBus clock delay to the value of the corresponding counter, so reading the registers
returns the current time-of-day. In this mode, writing seconds register, minutes register, hour
register and days register, or clock scaler is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com