Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 400 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 400 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 403Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 404Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
5685X Digital Signal Controller User Manual, Rev. 4
14-14
Freescale Semiconductor
14.6.9.1 Reserved—Bits 15–5
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.9.2 Time-of-Day Hours Alarm (TODHAL)—Bits 4–0
When the value contained in this register matches the value of the hours counter, the hours alarm
is asserted if the Hours Alarm Enable (TODHA) bit and the Alarm Interrupt Enable (TODAEN)
bit are both set and all other enabled alarm registers also match the current time.
14.6.10 Time-of-Day Days Register (TODDAY)
Figure 14-11. TOD Days Register (TODDAY)
See Programmer’s Sheet on Appendix page B - 103
14.6.10.1 Time-of-Day Days (TODDAY)—Bits 15–0
When TODEN is set, this counter is continuously updated to contain the current days counter
value. The value of the counter can be read through the days register, but it cannot be modified.
When TODEN is cleared, TOD counting is disabled. This counter can then be read or written.
When TODEN is set to one again, counting will resume counting from the current register value.
14.6.11 Time-of-Day Days Alarm Register (TODDAL)
Figure 14-12. TOD Days Alarm Register (TODDAL)
See Programmer’s Sheet on Appendix page B - 104
14.6.11.1 Time-of-Day Days Alarm (TODDAL)—Bits 15–0
When the value contained in this register matches the value of the days counter, the days alarm
interrupt is asserted if the Days Alarm Enable (TODDA) bit and Alarm Interrupt Enable
(TODAEN) bit are both set and all other enabled alarm registers also match the current time.
Base + $8
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODDAY
Write
Reset
0
0
00000
00000000
0
Base + $9
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODDAL
Write
Reset
0
0
00000000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com