Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 403 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 403 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 403Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 404Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 405Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 406Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 407Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 662 page
background image
Block Diagram
General Purpose Input/Output (GPIO), Rev. 4
Freescale Semiconductor
15-3
15.1 Introduction
The 5685x General Purpose Input/Output (GPIO) is designed to share package pins with other
peripheral modules on the chip. If a peripheral normally controls a given pin is not required, that
pin then can be programmed to be a GPIO with programmable pull-up.
15.2 Features
The GPIO module design includes these distinctive features:
•
Individual control for each pin to be in either Normal or GPIO mode
•
Individual direction control for each pin in GPIO mode
•
Individual pull-up enable control for each pin in either Normal or GPIO mode except for
MODA, B, and C pins because pull-ups are always disabled
15.3 Block Diagram
Figure 15-1. Bit-Slice View of GPIO Logic
D_in
D_out
0
1
Peripheral Data Out
PE
0
1
Peripheral Data In
PE
0
1
DD
PU
Peripheral Out Enable
I/O Cell
Data Register
PE
DD
GPIO
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com