Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 399 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 399 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 403Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
Time-Of-Day (TOD), Rev. 4
Freescale Semiconductor
14-13
14.6.7 Time-of-Day Minutes Alarm Register (TODMAL)
14.6.7.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.7.2 Time-of-Day Minutes Alarm (TODMAL)—Bits 5–0
When the value contained in this register matches the value of the minutes counter, the minutes
alarm is asserted if the Minutes Alarm Enable (TODMA) bit and Alarm Interrupt Enable
(TODAEN) bit are both set, and all other enabled alarm registers also match the current time.
14.6.8 Time-of-Day Hours Register (TODHR)
14.6.8.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.8.2 Time-of-Day Hours (TODHR)—Bits 5–0
When TODEN is set, this register is continuously updated to contain the current hours counter
value. The value of the counter can be read through the hours register, but it can not be modified.
When TODEN is cleared, TOD counting is disabled. This register can then be read or written.
When TODEN is set to one again, the counting resumes from the current register value.
14.6.9 Time-of-Day Hours Alarm Register (TODHAL)
Figure 14-10. TOD Hours Alarm Register (TODHAL)
See Programmer’s Sheet on Appendix page B - 102
Base + $5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODMAL
Write
Reset
0
0
000
000000000
00
Figure 14-8. TOD Minutes Alarm Register (TODMAL)
See Programmer’s Sheet on Appendix page B - 100
Base + $6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODHR
Write
Reset
0
0
00000000000000
Figure 14-9. TOD Hours Register (TODHR)
See Programmer’s Sheet on Appendix page B - 101
Base + $7
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODHAL
Write
Reset
0
0
00000000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com