Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 398 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 398 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
5685X Digital Signal Controller User Manual, Rev. 4
14-12
Freescale Semiconductor
14.6.5 Time-of-Day Seconds Alarm Register (TODSAL)
Figure 14-6. TOD Seconds Alarm Register (TODSAL)
See Programmer’s Sheet on Appendix page B - 98
14.6.5.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.5.2 Time-of-Day Seconds Alarm (TODSAL)—Bits 5–0
When the value contained in this register matches the value of the seconds counter, the seconds
alarm is asserted if the Seconds Alarm Enable (TODSA) bit and Alarm Interrupt Enable
(TODAEN) bits are set and all other enabled alarm registers also match.
14.6.6 Time-of-Day Minutes Register (TODMIN)
14.6.6.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.6.2 Time-of-Day Minutes (TODMIN)—Bits 5–0
When TODEN is set, this register is continuously updated to contain the current minutes counter
value. The value of the counter can be read through the minutes register, but it cannot be
modified. When TODEN is cleared, TOD counting is disabled. This register can then be read or
written. When TODEN is set to one again, the counting resumes from the current register value.
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODSAL
Write
Reset
0
0
000
000
000
000
00
Base + $4
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODMIN
Write
Reset
0
0
00000000000000
Figure 14-7. TOD Minutes Register (TODMIN)
See Programmer’s Sheet on Appendix page B - 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com