Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 397 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 397 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 393Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 394Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 395Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 396Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 397Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 398Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 399Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 662 page
background image
Register Description (TOD_BASE = $1FFFC0)
Time-Of-Day (TOD), Rev. 4
Freescale Semiconductor
14-11
14.6.3 Time-of-Day Clock Scaler (TODCSL)
Figure 14-4. TOD Clock Scaler (TODCSL)
See Programmer’s Sheet on Appendix page B - 96
14.6.3.1 Time-of-Day Clock Scaler (TODCSL)—Bits 15-0
Setting this field to X divides the TOD Input Clock frequency by X + 1 to produce the time-base
clock used for incrementing the counters. The clock generation system and this scaler must be
configured so the time-base clock is precisely 1Hz for correct operation of the TOD module as
the seconds counter increments with each time-base clock.
This register is always readable. It accepts writing only when TODEN = 0.
14.6.4 Time-of-Day Seconds Counter (TODSEC)
Figure 14-5. TOD Seconds Register (TODSEC)
See Programmer’s Sheet on Appendix page B - 97
14.6.4.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They cannot be read nor modified by writing.
14.6.4.2 Time-of-Day Seconds (TODSEC)—Bits 5–0
When TODEN is set, this register is continuously updated to contain the current seconds counter
value. The value of the counter can be read through the seconds register, but it cannot be
modified. When TODEN is cleared, TOD counting is disabled. This register can then be read or
written. When TODEN is set to one again, the counting resumes from the current register value.
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TIME-OF-DAY CLOCK SCALER
Write
Reset
0
0
000
000
000
000
00
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TODSEC
Write
Reset
0
0
00
00
00
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com