Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 405 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 405 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 403Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 404Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 405Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 406Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 407Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 408Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 409Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 662 page
background image
Module Memory Maps
General Purpose Input/Output (GPIO), Rev. 4
Freescale Semiconductor
15-5
15.6 GPIO Configurations
Each GPIO port is controlled by the registers listed in Table 15-1. Each register bit corresponds
to a GPIO pin. Section 15-1 illustrates the logic associated with one GPIO bit.
15.7 Module Memory Maps
There are eight GPIO mapped modules listed in the following in tables, Table 15-2 through
Table 15-9 and their individual accompanying register maps. The GPIO peripherals are
summarized in Figure 15-2 through Figure 15-9.
Table 15-1. GPIO Registers Functions
Register
Description
Function
PER
Peripheral Enable Register
Determines if pin functions as GPIO or associated peripheral pin
DDR
Data Direction Register
Determines pin direction (input or output) when pin functions as GPIO
DR
Data Register
Data interface between the GPIO pin and the IPBus
PUER
Pull-up Enable Register
Enables internal pull-up, qualified by other factors
Table 15-2. GPIO A Memory Map (GPIOA_BASE = $1FFE60)
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
GPIO_A_PER
Peripheral Enable Register
Read/Write
Section 15.8.1
Base + $1
GPIO_A_DDR
Data Direction Register
Read/Write
Section 15.8.9
Base + $2
GPIO_A_DR
Data Register
Read/Write
Section 15.8.17
Base + $3
GPIO_A_PUR
Pull-Up Enable Register
Read/Write
Section 15.8.25
Add.
Offset
Register Name
15
14
13
12
11
10
9876
54321
0
$0
PER
R
1
1
1
1
1
1
1
1
1
1
1
1
PE
W
$1
DDR
R
0
0
0
0
0
0
0
0
0
0
0
0
DD
W
$2
DR
R
0
0
0
0
0
0
0
0
0
0
0
0
DATA
W
$3
PUR
R
1
1
1
1
1
1
1
1
1
1
1
1
PUE
W
R
0
Read as 0
W
Reserved
Figure 15-2. GPIO A Register Map Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com