Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 406 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 406 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 403Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 404Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 405Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 406Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 407Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 408Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 409Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 410Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 662 page
background image
Module Memory Maps
5685X Digital Signal Controller User Manual, Rev. 4
15-6
Freescale Semiconductor
Table 15-3. GPIO B Memory Map (GPIOB_BASE = $1FFE64)
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
GPIO_B_PER
Peripheral Enable Register
Read/Write
Section 15.8.2
Base + $1
GPIO_B_DDR
Data Direction Register
Read/Write
Section 15.8.10
Base + $2
GPIO_B_DR
Data Register
Read/Write
Section 15.8.18
Base + $3
GPIO_B_PUR
Pull-Up Enable Register
Read/Write
Section 15.8.26
Add.
Offset
Register Name
15
14
13
12
11
10
98765
4321
0
$0
PER
R
PE
W
$1
DDR
R
DD
W
$2
DR
R
DATA
W
$3
PUR
R
PUE
W
R
0
Read as 0
W
Reserved
Figure 15-3. GPIO B Register Map Summary
Table 15-4. GPIO C Memory Map (GPIOC_BASE = $1FFE68)
Address Offset
Register Acronym
Register Name
Access Type
Chapter Location
Base + $0
GPIO_C_PER
Peripheral Enable Register
Read/Write
Section 15.8.3
Base + $1
GPIO_C_DDR
Data Direction Register
Read/Write
Section 15.8.11
Base + $2
GPIO_C_DR
Data Register
Read/Write
Section 15.8.19
Base + $3
GPIO_C_PUR
Pull-Up Enable Register
Read/Write
Section 15.8.27
Add.
Offset
Register Name
15
14
13
12
11
10
98765
4321
0
$0
PER
R
1
1
1
1
1
1
1
1
1
1
PE
W
$1
DDR
R
0
0
0
0
0
0
0
0
0
0
DD
W
$2
DR
R
0
0
0
0
0
0
0
0
0
0
DATA
W
$3
PUR
R
1
1
1
1
1
1
1
1
1
1
PUE
W
R
0
Read as 0
W
Reserved
Figure 15-4. GPIO C Register Map Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com