Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 404 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 400Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 401Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 402Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 403Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 404Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 405Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 406Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 407Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 408Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
15-4
Freescale Semiconductor
15.4 Functional Description
Each GPIO pin can be configured as either an input (with or without pull-up) or an output.
pull-ups are configured by writing to the Pull-Up Enable (PUE) Registers and are automatically
disabled when the pin is being used as an output in either the Normal mode or the GPIO mode.
15.5 Modes of Operation
The GPIO module design contains two major modes of operation.
15.5.1 Normal Mode
This can also be thought of as Peripheral Controlled mode. The peripheral module controls the
output enable and any output data to the I/O pad and any input data from the pad is passed to the
peripheral. Pull-up enables are controlled by a GPIO register.
15.5.2 GPIO Mode
In this mode, the GPIO module controls the output enable to the pad and supplies any data to be
output. Also, any input data can be read from a GPIO memory mapped register. Pull-up enables
are controlled by a GPIO register.
In the GPIO mode, the Data Direction Register (DDR) supplies the output enable to the I/O pad
to control its direction. The DR supplies the output data if DDR is asserted. The value of the data
on the I/O pad can be read by reading Data Register (DR) when DDR is 0. When in GPIO mode
the output data from the GPIO to the peripheral module will be driven high and the output data
and enable from the peripheral are ignored. The pull-up resistor can be enabled by writing to the
PUE Register. The pull-up resistor will be disabled as long as the DDR is set to the Output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com