Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 429 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 429 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 425Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 426Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 427Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 428Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 429Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 430Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 431Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 432Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 433Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 662 page
background image
Features
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-3
16.1 Introduction
The Host Interface Eight (HI8) is a byte-wide, full-duplex, double-buffered, parallel port able to
be connected directly to the data bus of a Host Processor. The HI8 supports a variety of buses,
and provides connection with a number of industry standard DSCs, microcomputers, and
microprocessors.
Because the host bus can operate asynchronously to the core clock, the HI8 registers are divided
into two banks:
1. The Host Side bank is accessible to the external Host
2. The DSC Side bank is accessible to the core
The HI8 supports two classes of interfaces:
1. Host Processor/MCU connection interface
2. General Purpose Input/Output (GPIO) port
HI8 port pins not configured for peripheral use can be configured as GPIO pins.
16.2 Features
16.2.1 Dgital Signal Controller (DSC) Side
•
Four internal data I/O-mapped locations
•
Sixteen-bit data word
•
Transfer modes
—DSC-to-Host
— Host-to-DSC
— Host command
•
Handshaking protocols
— Software polled
— Interrupt driven
— DMA accesses.
•
Instructions
— Memory mapped registers allow the standard MOVE instruction to be used.
— Bit addressing instructions (i.e., BFCHG, BFCLR, BFSET, BFTSTH, BFTSTL,
BRCLR, BRSET) simplify I/O service routines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com