Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 432 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 432 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 428Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 429Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 430Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 431Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 432Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 433Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 434Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 435Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 436Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 662 page
background image
HI8 Host Port
5685X Digital Signal Controller User Manual, Rev. 4
16-6
Freescale Semiconductor
HCS
HCS
or
(PB13)
Input
Input/Output
Disconnected
Internally
Host Chip Select—This is the chip select input for
the HI8.
Port B 13—This is a GPIO pin when not configured
for Host port use.
HREQ / HTRQ
HREQ
or
HTRQ
or
(PB14)
Open Drain
Output
Open Drain
Output
Input /Output
Disconnected
Internally
Host Request—When the HI8 is programmed for
HRMS = 0 functionality (typically used on a single
data strobe bus), this output is used by the HI8 to
request service from the Host Processor. The HREQ
may be connected to an interrupt request pin of a
Host Processor, a transfer request of a DMA
controller, or a control input of external circuitry.
Transmit Host Request—When the HI8 is
programmed for HRMS = 1 functionality (typically
used on a double data strobe bus), this signal is the
Transmit Host Request output (HTRQ). The HTRQ
may be connected to an interrupt request pin of a
Host Processor.
Port B 14—This is a GPIO pin when not configured
for Host port use.
HACK / HRRQ
HACK
or
HRRQ
or
(PB15)
Input
Open Drain
Output
Input /Output
Disconnected
Internally
Host Acknowledge—When the HI8 is programmed
for HRMS = 0 functionality (typically used on a single
data strobe bus), this input has two functions: 1)
provide a host acknowledge signal for DMA
transfers, or 2) to control handshaking and provide a
host interrupt acknowledge compatible with the
MC68000 family processors.
Receive Host Request—When the HI8 is
programmed for HRMA = 1 functionality (typically
used on a double data strobe bus), this signal is the
Receive Host Request output (HRRQ).
Port B 15—This is a GPIO pin when not configured
for Host port use.
Table 16-1.
Host Interface 8 Signals (Continued)
HI8 Port Pin
Signal Name
Signal Type
State During
Reset of Stop
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com