Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 436 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 436 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 432Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 433Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 434Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 435Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 436Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 437Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 438Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 439Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 440Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 662 page
background image
DSC Side Registers
5685X Digital Signal Controller User Manual, Rev. 4
16-10
Freescale Semiconductor
16.8 DSC Side Registers
The DSC core views the HI8 as a memory mapped peripheral occupying four 16-bit words in
data memory space. The DSC can use the HI8 as a normal memory mapped peripheral, using
either standard polled or interrupt programming techniques. Separate transmit and receive data
registers are double-buffered to allow the DSC and Host Processor to efficiently transfer data at
high speed. Memory mapping allows DSC core communication with the HI8 registers to be
accomplished using standard instructions and addressing modes. In addition, the MOVE
instruction allows HI8-to-memory and memory-to-HI8 data transfers without going through an
intermediate register. Both hardware and software reset disable the HI8. These registers can be
accessed by the DSC core, or by the external host.
16.8.1 HI8 Control Register (HCR)
The HI8 Control Register (HCR) is 16-bit read/write Control register used by the DSC core to
control the HI8 operating mode. Reserved bits are read and written as 0, ensuring future
compatibility. Figure 16-4 illustrates the programming model of the HCR. The initialization
values for the HCR bits are described in Table 16-6. The HCR bits are described in the following
paragraphs.
Figure 16-4. Host Control Register (HCR)
See Programmer’s Sheet on Appendix page B - 137
16.8.1.1 Reserved Bits—Bits 15–9
These bits are reserved or not implemented. They are read as, and written with 0s.
16.8.1.2 Host Request Mode Select (HRMS)—Bit 8
The Host mode Select (HRMS) bit controls the host request pins. Table 16-4 shows the
functionality of the I/O pins controlled by this bit.
Note:
The direction of the HACK / HRRQ pin changes based on the HRMS setting. HACK
is an input, while HRRQ is an output.
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
HRMS HDDS
TDMAEN
RDMAEN
HF3
HF2
HCIE
HTIE
HRIE
Write
0
0
0
0
0
0
0
Reset
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com