Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 437 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 437 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 433Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 434Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 435Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 436Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 437Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 438Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 439Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 440Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 441Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 662 page
background image
DSC Side Registers
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-11
16.8.1.3 Host Dual Data Strobe (HDDS)—Bit 7
When the Host Dual Data Strobe (HDDS) bit is set, the HI8 operates in the Dual Data Strobe Bus
mode; a host bus with separated read and write data strobes. When the HDDS bit is cleared, the
HI8 operates in the Single Strobe Bus mode, i.e. a Host bus with a single Data Strobe signal.
Please see Figure 16-5 for a description of the two types of buses. The HDDS bit is cleared on
hardware reset.
Figure 16-5. Single and Dual Data Strobe Bus Modes
Table 16-4.
HRMS Configuration of HREQ and HACK Pins
Pin
HRMS = 0
HRMS = 1
HREQ / HTRQ
HREQ
HTRQ
HACK / HRRQ
HACK
HRRQ
Single Data Strobe Mode (HDDS = 0)
HRW
HDS
In Single Strobe Bus mode, a DS (Data-Strobe) signal qualifies the access, while a R/W
(Read-Write) signal specifies the direction of it.
Host Data
Dual Data Strobe Mode (HDDS = 1)
HWR
HRD
Write cycle
Read cycle
In Dual Strobe Bus mode, there are special RD and WR signals that both qualify the
access as being a read or a write access, respectively.
HCS
HCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com