Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 441 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 441 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 437Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 438Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 439Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 440Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 441Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 442Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 662 page
background image
DSC Side Registers
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-15
16.8.3 HI8 Transmit Data Register (HTX)
The HI8 Transmit Data (HTX) register is used for DSC-to-Host data transfers. The HTX register
is viewed as a 16-bit write-only register by the DSC core. Writing to the HTX register clears the
HTDE bit in the HSR. The DSC can program the HTIE bit causing a Host Transmit Data inter-
rupt when the HTDE bit is set. The HTX register is transferred as 16-bit data to the receive byte
registers RXH/RXL when both the HTDE bit on the DSC Side and the RXDF status bits on the
Host Side are cleared. This transfer operation sets both RXDF and HTDE bits. Data should not be
written to the HTX register until the HTDE bit is set to prevent the previous data from being
overwritten.
Figure 16-7. HI8 Transmit Data Register (HTX)
See Programmer’s Sheet on Appendix page B - 139
16.8.4 HI8 Receive Data Register (HRX)
The HI8 Receive Data (HRX) register is used for Host-to-DSC data transfers. The HRX register
is viewed as a 16-bit read-only register by the DSC core. The HRX register is loaded with 16-bit
data from the Transmit Data registers TXH/TXL on the Host Side when both the Transmit Data
registers empty TXDE on the Host Side, and DSC Host Receive Data Full (HRDF) bits are
cleared. This transfer operation sets TXDE and HRDF bits. The HRX register contains valid data
when the HRDF bit is set. Reading HRX clears HRDF. The DSC may program the HRIE bit to
cause a Host Receive Data interrupt when HRDF is set.
Figure 16-8. HI8 Receive Data Register (HRX)
See Programmer’s Sheet on Appendix page B - 139
16.8.5 DSC Side Registers After Reset
Table 16-6 shows the results of the three reset types on the bits in each of the HI8 registers
accessible by the DSC core.
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
HIGH BYTE (FROM HRX)
LOW BYTE (FROM LRX)
Reset
00
0
0
00
0
000
000000
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
HIGH BYTE (FROM HTX)
LOW BYTE (FROM LTX)
Write
Reset
00
0
0
00
0
000
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com