Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 444 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 444 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 440Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 441Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 442Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 662 page
background image
Host Side Registers
5685X Digital Signal Controller User Manual, Rev. 4
16-18
Freescale Semiconductor
Standard Host Processor instructions such as byte move and addressing modes are used to
communicate with the HI8 registers. The HI8 registers are addressed allowing 8-bit Host
Processors to use 8/16-bit load and store instructions for data transfers. The HREQ / HTRQ and
HACK / HRRQ handshake flags are provided for polled or interrupt driven data transfers with the
Host Processor. Because the DSC interrupt response is sufficiently rapid, most host
microprocessors can load or store data at their maximum programmed I/O instruction rate
without testing the handshake flags for each transfer. If full handshake is not required, the Host
Processor can treat the DSC as a fast device, allowing data to be transferred between the Host
Processor and the DSC at the fastest host processor data rate.
One of the most innovative features of the HI8 is the Host Command feature. With this feature,
the Host Processor can issue vectored interrupt requests to the DSC core. The Host can select any
of 128 DSC interrupt routines to be executed by writing a vector address register in the HI8. This
flexibility allows the Host programmer to execute as many as 128 pre-programmed functions
inside the DSC core. For example, Host Interrupts permits the Host Processor to read or write
DSC registers (data or program memory locations), force interrupt handlers (i.e., ESSI, SCI,
IRQA and IRQB interrupt routines) to perform control and debugging operations when interrupt
routines are implemented in the DSC to perform these tasks.
Note:
Please be aware when the DSC core enters the Stop mode, the HI8 pins are electrically
disconnected internally, thus disabling the HI8 until the core leaves Stop mode. While
the HI8 configuration remains unchanged in Stop mode, the core cannot be restarted
via the HI8 interface.
Do not issue a STOP command to the DSC via the HI8 unless some other mechanism
for exiting Stop mode is provided.
16.9.1 Interface Control Register (ICR)
The Interface Control Register (ICR) is an 8-bit read/write control register used by the Host
Processor to control the HI8 interrupts and flags. The ICR cannot be accessed by the DSC core,
but it allows the use of bit manipulation instructions on the Control register. The control bits are
described in the following paragraphs. Figure 16-10 illustrates the programming model of the
ICR.
Figure 16-10. Interface Control Register (ICR)
See Programmer’s Sheet on Appendix page B - 141
Base + $0
7
6
5
4
3
2
1
0
Read
INIT
HM1
HM0
HF1
HF0
HLEND
TREQ
RREQ
Write
Reset
0000
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com