Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 443 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 443 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 439Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 440Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 441Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 442Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 662 page
background image
Host Side Registers
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-17
Figure 16-9. HSR–HCR Operation
16.9 Host Side Registers
The HI8 appears to the Host Processor as 8-byte-wide registers. The Host can access the HI8
asynchronously by using polling techniques or interrupt-based techniques. Separate transmit and
receive data registers are double buffered to allow the DSC core and Host Processor to transfer
data efficiently at High speed.
The HI8 appears to the Host Processor as a memory mapped peripheral occupying eight bytes in
the Host Processor address space, detailed in Figure 16-7. These registers can be viewed as:
•
Interface Control Register (ICR)
•
Interface Status Register (ISR)
•
Two data registers
— Receive Data High/Low (RXH/RXL)
— Transmit Data High/Low (TXH/TXL)
•
Two vector registers
— Interface Vector Receive (IVR)
— Command Vector Register (CVR)
The CVR is a special command register used by the Host Processor to issue commands to the
DSC. Each of these registers can be accessed only by the Host Processor.
HCR
Status
Enable
DSC Core Interrupts
Receive Data Full
Transmit Data Empty
Host Command
HRIE
HTIE
HCIE
HF2
HF3
43
2
1
0
43
2
1
HSR
0
HF1
HF0
HCP HTDE HRDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com