Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 447 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 447 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 443Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 444Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 662 page
background image
Host Side Registers
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-21
When the address counter reaches the highest register (RXL or TXL), the address counter is not
incriminated but is loaded with the value in HM1 and HM0. This allows 8- or 16-bit data to be
transferred in a circular fashion and eliminates the need for the DMA controller to supply the
Host Address HA2, HA1, and HA0 pins. For 16-bit data transfers, the DSC interrupt rate is
reduced by a factor of two from the Host Request rate.
HM1 and HM0 are cleared by DSC reset.
Note:
When operating in 8-bit HDMA mode, the HLEND affects the location (upper or
lower byte) of the 8-bit value in the DSC register (HRX/HTX). For example, in
Host-to-DSC transfers, if HLEND = 0 the transferred data is placed in the lower half of
the HRX register. If HLEND = 1 the data would appear in the upper half of the
register.
Note:
Prior to initiating an 8-bit Host-to-DSC transfer the Host should ensure the TXH/TXL
registers at address 6 is initialized to 0 because the contents of this register are
transferred with the TXL/TXH register to the HRX register.
16.9.1.3 Host Flag 1 (HF1)—Bit 4
The Host Flag 1 (HF1) bit is used as a general purpose flag for Host-to-DSC communication. The
HF1 bit can be set or cleared by the Host Processor, but cannot be changed by the DSC core. The
HF1 bit is reflected in the HSR on the DSC Side. The HF1 bit is cleared on DSC reset.
16.9.1.4 Host Flag 0 (HF0)—Bit 3
The Host Flag 0 (HF0) bit is used as a general purpose flag for Host-to-DSC communication. The
HF0 bit can be set or cleared by the Host Processor, but cannot be changed by the DSC core. The
HF0 bit is reflected in the HSR on the DSC Side. The HF0 bit is cleared on DSC reset.
16.9.1.5 ICR Host Little Endian (HLEND)—Bit 2
The Host Little Endian (HLEND) bit allows the HI8 to be accessed by the Host in Little Endian
or Big Endian data order. When the HLEND bit is set, the HI8 can be accessed by the Host in
Little Endian order. The RXH/TXH is located at address $7 and RXL/TXL at $6. When the
HLEND bit is cleared, the HI8 can be accessed by the Host in Big Endian Host data order. The
RXH/TXH is located at address $6 and RXL/TXL at $7. The HLEND bit is cleared on hardware
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com