Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 450 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 450 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-24
Freescale Semiconductor
16.9.2.2 CVR Host Vector (HV)—Bits 6–0
These seven bits select the Host Command interrupt offset address in the vector table to be used
by the Host Command interrupt logic. When the Host Command interrupt is recognized by the
DSC interrupt control logic the offset address of the interrupt vector table taken is 2
× HVI0, 6.
The Host can write HC and HV in the same write cycle.
The Host Processor can select any of the 128 possible offset addresses of the interrupt vector
table in the DSC by writing this address divided by 2, and equal to the vector number, into HV
bits. This means the Host Processor can force any of the existing interrupt handlers, SW
interrupts such as ESSI, SCI, IRQA, or IRQB and can use any of the reserved or otherwise
unused interrupt vectors.
16.10 Servicing the Host Interface
The HI8 can be serviced by using one of the following protocols:
•
Polling
•
Interrupts
•
Host DMA
From the Host Processor viewpoint, the service consists of making a data transfer because this is
the only way to reset the appropriate status bits.
16.10.1 Interface Status Register (ISR)
The Interface Status Register (ISR) is an 8-bit read-only status register used by the Host
Processor to interrogate the status and flags of the HI8. The Host Processor can write this address
without affecting the internal state of the HI8, useful to access all of the HI8 registers by stepping
through the HI8 addresses. The ISR can not be accessed by the DSC core. The status bits are
described in the following paragraphs.
Figure 16-12. Interface Status Register (ISR)
See Programmer’s Sheet on Appendix page B - 143
Base + $2
7
6
5
4
3
2
1
0
Read
HREQ
DMA
0
HF3
HF2
TRDY
TXDE RXDF
Write
0
Reset
0000
0
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com