Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 451 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 451 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 662 page
background image
Servicing the Host Interface
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-25
16.10.1.1 Host Request (HREQ)—Bit 7
This bit indicates the status of the external Host Request (HREQ) output pin if the HRMS bit is
cleared; or the external Host Transmit Receive Request (HTRQ) output pins, and HRRQ
respectively, if HRMS is set. When the HREQ status bit is cleared, it indicates the Host Request
pin, HREQ or HTRR, HTRQ and HRRQ, are deasserted and either Host Processor interrupts or
host DMA transfers are being requested.
If the HREQ status bit is set, it means the Host Request (HREQ) pin, the Host Transmit Request
(HTRQ), or Host Receive Request (HRRQ) are asserted, indicating the DSC is interrupting the
Host Processor or a Host DMA transfer request is being made. The HREQ interrupt request may
originate from one or more of two sources:
1. The receive byte registers are full
2. The transmit byte registers are empty
These conditions are indicated by the Interrupt Status Register (ISR) RXDF and TXDE status
bits, respectively. If the interrupt source has been enabled by the associated request enable bit in
the Interface Control Register (ICR); HREQ, HTRQ, or HRRQ bits is set if one or more of the
two enabled interrupt sources is set. DSC reset clears HREQ.
16.10.1.2 Host DMA Status (DMA)–Bit 6
The DMA status bit (DMA) indicates the Host Processor has enabled the DMA mode of the HI8
(HM1 or HM0 =1). When the DMA status bit is clear, it indicates the DMA mode is disabled by
the Host mode bits (HM0 and HM1) in the Interface Control Register (ICR) and no DMA
operations are pending. When DMA is set, it indicates the DMA mode is enabled and the Host
Processor should not use the active DMA channel (RXH:RXL or TXH:TXL depending on DMA
direction) to avoid conflicts with the DMA data transfers.
Note:
This bit is always 0 if HRMS = 1 in the Host Control Register because the HREQ and
HACK function is disabled, thereby disabling the Host DMA operations.
16.10.1.3 Reserved Bit–Bit 5
This bit is reserved or not implemented. It is read as, and written with 0s.
16.10.1.4 Host Flag 3 (HF3)–Bit 4
The Host Flag 3 (HF3) bit in the Interrupt Status Register indicates the state of Host Flag 3 in the
Host Control Register on the DSC Side. The HF3 bit can only be changed by the DSC Side.
Please see Figure 16-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com