Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 449 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 449 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 445Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 446Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 447Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 662 page
background image
Host Side Registers
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-23
16.9.2 Command Vector Register (CVR)
The Command Vector Register (CVR) is used by the Host Processor, causing the DSC core to
execute an interrupt. The Host Command feature is independent of any of the data transfer
mechanisms in the HI8. The Host Interface can execute any of the 128 possible interrupt requests
to the DSC core. Please refer to the Interrupt Controller (ITCN) chapter for further details.
Figure 16-11. Command Vector Register (CVR)
See Programmer’s Sheet on Appendix page B - 142
16.9.2.1 Host Command (HC)—Bit 7
This bit is used by the Host Processor to handshake the execution of Host Command interrupts.
Normally, the Host Processor sets HC = 1 to request the Host Command interrupt from the DSC
core. When the Host Command interrupt is acknowledged by the DSC core the HC bit is cleared
by the HI8 hardware. The Host Processor can read the state of the HC bit to determine when the
Host Command has been accepted. After writing HC = 1 to the CVR, the Host must not write to
the CVR again until the HC bit is cleared by the HI8 hardware. Setting the HC bit causes Host
Command pending to be set in the Host Status Register.
Table 16-11.
HREQ Pin Definition–Host Mode (HRMS = 0, HM1, HM0 Set for DMA)
TREQ
RREQ
RREQ Pin
0
0
DMA Transfers Disabled
0
1
DSC–> Host Request (RX)
1
0
Host–> DSC Request (TX)
1
1
Undefined (illegal)
Table 16-12.
HTRQ and HRRQ Interrupt Mode (HRMS = 1)
TREQ
RREQ
HTRQ Pin
HRRQ Pin
0
0
No Interrupts (Polling)
No Interrupts (Polling)
0
1
No Interrupts (Polling)
RXDF Request (Interrupt)
1
0
TXDE Request (Interrupt)
No Interrupt (Polling)
1
1
TXDE Request (Interrupt)
RXDF Request (Interrupt)
Base + $1
7
6
5
4
3
2
1
0
Read
HC
HV6
HV5
HV4
HV3
HV2
HV1
HV0
Write
Reset
00000
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com