Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 452 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 452 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 448Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 449Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 450Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 451Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-26
Freescale Semiconductor
16.10.1.5 Host Flag 2 (HF2)—Bit 3
The Host Flag 2 (HF2) bit in the Interface Control Register (ISR) indicates the state of Host Flag
2 in the Host Control Register on the DSCDSC Side. The HF2 bit can only be changed by the
DSC Side. Please see Figure 16-4.
16.10.1.6 Transmitter Ready (TRDY)—Bit 2
The Transmitter Ready (TRDY) flag bit indicates TXH, TXL, and the HRX registers are empty.
When the TRDY bit is set, the data the Host Processor writes to the TXH and TXL registers is
immediately transferred to the DSC Side of the HI8. The many applications can use this feature.
For example, if the Host Processor issues a Host Command causing the DSC core to read the
HRX, the Host Processor can be guaranteed the data transferred to the HI8 is being received by
the DSC core.
16.10.1.7 Transmit Data Register Empty (TXDE)—Bit 1
Setting the Transmit Data Register Empty (TXDE) bit indicates the transmit byte registers (TXH,
and TXL) are empty and can be written by the Host Processor. TXDE is set when the transmit
byte registers are transferred to the HRX register. TXDE is cleared when the transmit TXL/TXH
register (based on HLEND setting, the one at address offset seven) is written by the Host
Processor. TXDE can be set by the Host Processor using the initialize feature. TXDE may be
used to assert the external HREQ pin if the TREQ bit is set. Regardless of whether the TXDE
interrupt is enabled, TXDE provides valid status so polling techniques may be used by the Host
Processor.
16.10.1.8 Receive Data Register Full (RXDF)—Bit 0
Setting the Receive Data Register Full (RXDF) flag bit indicates the receive byte registers (RXH
and RXL) contain data from the DSC Side and can be read by the Host Processor. The RXDF bit
is set when the HTX is transferred to the receive byte registers. RXDF is cleared when the receive
data RXL/RXH (based on HLEND setting, the one at address offset seven) is read by the Host
Processor. RXDF can be used to assert the external HREQ pin if the RREQ bit is set. Regardless
of whether the RXDF interrupt is enabled, RXDF provides valid status so polling techniques may
be used by the Host Processor.
16.10.2 Interrupt Vector Register (IVR)
The Interrupt Vector Register (IVR) is an 8-bit read/write register typically containing the
interrupt vector number used with MC68000 family processor vectored interrupts. Only the Host
Processor can read and write this register. The contents of IVR are placed on the Host data bus
(H0–H7) when both HREQ and HACK pins are asserted and Host DMA is not enabled. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com