Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 456 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 456 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 452Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 453Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 460Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-30
Freescale Semiconductor
16.10.6 HI8 Host Processor Data Transfer
The HI8 looks like static RAM to the Host Processor. To transfer data with the HI8, the Host
Processor must:
•
Assert the HI8 address to select the register to be read or written
•
Select the direction of the data transfer
•
Strobe the data transfer
16.10.7 Polling
In the polling mode of operation, the HREQ pin is not connected to the Host Processor and
HACK must be negated, ensuring the IVR data is not being driven on H0–H7 when other
registers are being polled. HACK can also be configured as a GPIO pin if the HACK function is
not required.
Figure 16-18 illustrates the Host Processor first performs a data read transfer to read the ISR to
determine, whether:
•
RXDF = 1 indicates the Receive Data register is full, and a data read should be performed.
•
TXDE = 1 indicates the Transmit Data register is empty, and a data write can be
performed.
•
When HREQ = 1, the HREQ pin has been asserted, and one of the previous two conditions
exist.
Generally, after the appropriate data transfer has been made, the corresponding status bit is
updated to reflect the transfer.
If the Host Processor has issued a command to the DSC by writing to the CVR and setting the HC
bit, it can read the HC bit in the CVR to determine when the command has been accepted by the
interrupt controller in the DSC core. When the command has been accepted for execution, the HC
bit is cleared by the interrupt controller in the DSC core.and/or RXDF = 1 and the corresponding
enable bit (TREQ or RREQ, respectively) are set. This procedure is depicted in Figure 16-18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com