Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 458 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 458 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 454Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 455Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 456Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 460Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 461Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 662 page
background image
Servicing the Host Interface
5685X Digital Signal Controller User Manual, Rev. 4
16-32
Freescale Semiconductor
In the case where the Host Processor is a member of the MC680XX family, servicing the interrupt
starts by asserting HREQ to interrupt the processor. The Host Processor then acknowledges the
interrupt by asserting HACK. When HREQ and HACK are simultaneously asserted, the contents
of the IVR are placed on the Host data bus. This vector tells the Host Processor which routine to
use to service the HREQ interrupt.
16.10.9 Host Side DMA Mode Operation
The Host DMA mode allows the transfer of 8-bit or 16-bit data between the DSC HI8 and an
external DMA controller. The HI8 provides the synchronization logic between the two
asynchronous processor systems. The DSC Side of the interface is serviced by any appropriate
servicing mechanism such as polling, interrupts, or DMA transfer.
The external DMA controller provides the transfers between the DSC HI8 registers and the
external DMA memory. The external DMA controller must provide the address to the external
DMA memory. The address of the selected HI8 register is provided by a DMA address counter in
the DSC HI8.
16.10.9.1 Host-to-DSC Host Interface Action
The following four procedure outlines the steps the HI8 hardware takes to transfer DMA data
from the Host data bus to DSC memory.
1. Assert the Host Request HREQ output pin when the transmit byte registers TXH/TXL are
empty. This always occurs in Host-to-DSC DMA mode when
TXDE = 1.
2. Write the selected transmit byte register from the Host data bus when the HACK input pin
is asserted by the DMA controller. Deassert the HREQ pin.
3. If the highest register address has not been reached, such as TXDE = 1, post-increment the
DMA address counter to select the next register. Wait until HACK is deasserted then go to
Step 1.
4. If the highest register address has been reached, such as TXDE = 0, load the DMA address
counter with the value in HM1 and HM0 and transfer the transmit byte registers
TXH:TXL to the Host Receive Data Register HRX when HRDF = 0. This sets HRDF = 1.
Wait until HACK is deasserted then go to Step 1.
Note:
The DSC-to-Host data transfers can occur normally in the channel not used for DMA
except when the Host must use polling and not interrupts.
Note:
The transfer of data from the TXH/TXL register to the HRX register automatically
loads the DMA address counter from the HM1 and HM0 bits in the DMA
Host-to-DSC mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com