Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 461 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 461 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 457Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 458Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 459Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 460Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 461Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 463Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 464Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 465Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 662 page
background image
Servicing the Host Interface
Host Interface Eight (HI8), Rev. 4
Freescale Semiconductor
16-35
HDS/HWR, and HCS) but the receive byte registers (RXH and RXL) may not be accessed
until the DMA mode is disabled.
5. Terminate the DMA controller channel to disable DMA transfers.
6. Terminate the DSC HI8 DMA mode by clearing the HM1 and HM0 bits and clearing
RREQ in the Interface Control Register (ICR).
16.10.10 Host Port Use Considerations
Careful synchronization is required when reading multi-bit registers written by another
asynchronous system. This is a common problem when two asynchronous systems are connected.
The situation exists in the Host port. However, if the port is used in the way it was designed,
proper operation is guaranteed. The considerations for proper operation are discussed below.
16.10.10.1 Host Programmer Considerations
1. Unsynchronized Reading of receive byte registers.
When reading receive byte registers, RXH or RXL, the Host programmer should use
interrupts or poll the RXDF flag indicating data is available. This guarantees the data in
the receive byte registers are stable.
2. Overwriting transmit byte registers.
The Host programmer should not write to the transmit byte registers, TXH or TXL, unless
the TXDE bit is set, indicating the transmit byte registers are empty. After writing, time
must be allowed for TXDE to update. From the rising edge of the clock effecting write of
the TX register pair high order byte (address 0x7) to the valid indication of TXDE is a
period of two DSC clock cycles. This guarantees the DSC will read stable data when it
reads the HRX register.
3. Synchronization of Status Bits from DSC-to-Host.
HC, HREQ, DMA, HF3, HF2, TRDY, TXDE, and RXDF status bits are set or cleared
from inside the DSC and read by the Host Processor. The Host can not read these status
bits very quickly without regard to the clock rate used by the DSC there is a chance the
state of the bit could be changing during the read operation. This is generally not a system
problem because the bit is read correctly in the next pass of any Host polling routine.
However, if the Host holds the HCS input pin for the minimum assert time plus 1.5 Clock
cycles, the status data is guaranteed to be stable. The 1.5 Clock cycles is first used to
synchronize the HCS signal and then to block internal updates of the status bits. There is
no other minimum HCS assert time relationship to the DSC clocks. There is a minimum
HCS deassert time of 1.5 Clock cycles so that the blocking latch can be deasserted to
allow updates if the Host is in a tight polling loop. This only applies to reading status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com