Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 465 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 465 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 461Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 463Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 464Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 465Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 466Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 467Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 468Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 469Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 662 page
background image
Introduction
JTAG Port, Rev. 4
Freescale Semiconductor
17-3
17.1 Introduction
This chapter describes the 56F800E core-based family of chips, providing board and chip-level
debugging and high-density circuit board testing specific to Joint Test Action Group (JTAG).
The 5685x provides board and chip-level testing capability through two on-chip modules, both
accessed through the JTAG port/EOnCE module interface:
•
Enhanced On-chip Emulation (EOnCE) module
•
Test Access Port (TAP) and 16-state controller, also known as the JTAG port
Presence of the JTAG port/EOnCE module interface permits insertion of the DSC chip into a
target system while retaining debug control. This capability is especially important for devices
without an external bus, because it eliminates the need for an expensive cable to bring out the
chip footprint required by a traditional emulator system.
The Enhanced OnCE (EOnCE) module is used in Digital Signal Controller (DSC) chips to debug
application software employed with the chip. The port is a separate on-chip block allowing
non-intrusive DSC interaction with accessibility through the pins of the JTAG interface. The
EOnCE module makes it possible to examine registers, memory, or on-chip peripherals’ contents
in a special debug environment. This avoids sacrificing any user-accessible, on-chip resources to
perform debugging procedures. Please refer to the DSP56F800E Core-Based Reference Manual
(DSP56800ERM)for details about implementation of the 5685x EOnCE module.
The JTAG port is a dedicated user-accessible TAP compatible with the IEEE 1149.1a-1993
Standard Test Access Port and Boundary Scan Architecture. Problems associated with testing
high-density circuit boards have led to the development of this proposed standard under the
sponsorship of the Test Technology Committee of IEEE and the JTAG. 5685x supports circuit
board test strategies based on this standard.
Six dedicated pins interface to the TAP containing a 16-state controller. The TAP uses a
boundary scan technique to test the interconnections between integrated circuits after they are
assembled onto a Printed Circuit Board (PCB). Boundary scans allow observation and control
signal levels at each component pin through a Shift register placed next to each pin. This is
important for testing continuity and determining if pins are stuck at a one or zero level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com