Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 468 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 468 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 464Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 465Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 466Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 467Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 468Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 469Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 470Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 471Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 472Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 662 page
background image
JTAG Port Architecture
5685X Digital Signal Controller User Manual, Rev. 4
17-6
Freescale Semiconductor
17.5 JTAG Port Architecture
The TAP Controller is a simple state machine used to sequence the JTAG port through its varied
operations:
•
Serially shift in or out a JTAG port command
•
Update and decode the JTAG port Instruction Register (JTAGIR)
•
Serially input or output a data value
•
Update a JTAG port or EOnCE module register
Note:
The JTAG port supervises the shifting of data into and out of the EOnCE module
through TDI and TDO pins respectively. In this case, the shifting is guided by the same
controller used when shifting JTAG information.
The JTAG block diagram is illustrated in Figure 17-1. The JTAG port has four read/write
registers:
1. Instruction Register (JTAGIR)
2. Chip Identification (CID) register
3. Bypass Register (JTAGBR)
4. Boundary Scan Register (BSR)
Access to the EOnCE registers is described in the DSP56800E Reference Manual.
17.5.1 JTAG Instruction Register (JTAGIR) and Decoder
The TAP Controller contains a 8-bit instruction register. The instruction is presented to an
instruction decoder during the update-instruction register state. Please see Section 17.8 for a
description of the TAP Controller operating states. The instruction decoder interprets and
executes the instructions according to the conditions defined by the TAP Controller state
machine.
The 5685x includes the three mandatory public instructions:
1. BYPASS
2. SAMPLE/PRELOAD
3. EXTEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com