Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 466 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 466 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 462Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 463Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 464Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 465Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 466Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 467Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 468Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 469Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 470Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 662 page
background image
Features
5685X Digital Signal Controller User Manual, Rev. 4
17-4
Freescale Semiconductor
17.2 Features
Features of the Test Access Port (TAP) port include:
•
Perform boundary scan operations to test circuit board electrical continuity
•
Bypass the TAP for a given circuit board test by replacing the Boundary Scan Register
(BSR) with a single-bit register
•
Sample system pins during operation and transparently shift-out the results in the BSR
•
Preload output pins prior to invoking the EXTEST instruction
•
Disable the output drive to pins during circuit board testing
•
Provide a means of accessing the EOnCE module controller and circuits to control a target
system
•
Query the IDCODE from any TAP in the system
•
Force test data onto the peripheral outputs while replacing its BSR with a single bit
register
•
Enable/disable pull-up devices on peripheral boundary scan pins
17.3 Master Test Access Port (TAP)
The Master TAP consists of:
•
Synchronous finite 16-bit state machine
•
Eight-bit Instruction Register (IR)
•
Chip Identification (CID) register
•
Bypass (BYPASS) register
•
Boundary Scan Register (BSR)
Please see Figure 17-1 for additional information.
17.3.1 Signal Description
As described in IEEE 1149.1a, the JTAG port requires a minimum of four pins to support TDI,
TDO, TCK, and TMS signals. The 5685x also uses the optional TRST input signal and the DE
output signal used by the EOnCE module interface. Pin functions are described in Table 17-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com